PART |
Description |
Maker |
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
MACH220-20 MACH220-20JI |
High-Density EE CMOS Programmable Logic
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MACH110-15JC |
High-Density EE CMOS Programmable Logic
|
Lattice Semiconductor Corporation
|
MACH130-15 MACH130-15JC MACH130-20JC |
High-Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
DSP56374 DSP56374PB DSP56374PB_D DSP56374UM DSP563 |
high density CMOS device with 3.3 V inputs and outputs
|
MOTOROLA[Motorola, Inc]
|
MACH220-20JC |
High-Density EE CMOS Programmable Logic EE PLD, 20 ns, PQCC68
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
AN48830B |
Low current consumption, high sensitivity CMOS Hall IC Operate by the value of magnetic flux density, regardless of polarity
|
Panasonic
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
1024-60LH_883 ISPLSI1024-60LH_883 1024 1024-60LH/8 |
60 MHz in-system prommable high density PLD In-System Programmable High Density PLD EE PLD, 25 ns, PQCC68 :4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|